Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LE D P1MS-FUGR-R-0-F60 Datasheet (PDF) - ams-OSRAM AG

LE D P1MS-FUGR-R-0-F60 Datasheet PDF - ams-OSRAM AG
Part # LE D P1MS-FUGR-R-0-F60
Download  LE D P1MS-FUGR-R-0-F60 Download
File Size   1846.66 Kbytes
Page   20 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR™ Projection Power

LE D P1MS-FUGR-R-0-F60 Datasheet (PDF)

Go To PDF Page Download Datasheet
LE D P1MS-FUGR-R-0-F60 Datasheet PDF - ams-OSRAM AG

Part # LE D P1MS-FUGR-R-0-F60
Download  LE D P1MS-FUGR-R-0-F60 Click to download

File Size   1846.66 Kbytes
Page   20 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSRAM OSTAR™ Projection Power

LE D P1MS-FUGR-R-0-F60 Datasheet (HTML) - ams-OSRAM AG


LE D P1MS-FUGR-R-0-F60 Product details

Applications
- Projection & Display
Features
- Package: OSTAR High Power Projection
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 440 nm (● deep blue)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LE D P1MS-FUGR-R-0-F60

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LE D P1MQ-GTHQ-R AMSOSRAM-LE D P1MQ-GTHQ-R Datasheet
3Mb / 22P
OSRAM OSTAR™ Projection Power
2026-01-12
LE D P1MR-GPGT-R AMSOSRAM-LE D P1MR-GPGT-R Datasheet
3Mb / 21P
OSRAM OSTAR® Projection Power
2022-08-17
More results


Similar Description - LE D P1MS-FUGR-R-0-F60

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LETQ9WM OSRAM-LETQ9WM Datasheet
780Kb / 23P
OSRAM OSTAR Projection Compact
LETQ9WN OSRAM-LETQ9WN Datasheet
739Kb / 22P
OSRAM OSTAR Projection Compact
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
OSRAM OSTAR Projection Compact
LECGP3W OSRAM-LECGP3W Datasheet
1Mb / 25P
OSRAM OSTAR Projection Power
LECGP3A01 OSRAM-LECGP3A01 Datasheet
929Kb / 22P
OSRAM OSTAR Projection Power
LCGH9RM OSRAM-LCGH9RM Datasheet
863Kb / 22P
OSRAM OSTAR Projection Cube
LEAP3W01 OSRAM-LEAP3W01 Datasheet
808Kb / 20P
OSRAM OSTAR Projection Power
LEAQ8WP OSRAM-LEAQ8WP Datasheet
811Kb / 23P
OSRAM OSTAR Projection Compact
LEAQ9WM OSRAM-LEAQ9WM Datasheet
734Kb / 22P
OSRAM OSTAR Projection Compact
KRCSLNM1.23 OSRAM-KRCSLNM1.23 Datasheet
762Kb / 24P
OSRAM OSTAR Projection Compact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com